PART |
Description |
Maker |
CP8056 CP8056H CP8056P CP8056S CP8056SS CP8056TS |
EPROM/ROM-Based 8-Bit Microcontroller Series
|
ETC
|
CP80S54 |
(CP80S54 / CP80S56) EPROM/ROM-Based 8-Bit Microcontroller Series
|
ETC
|
CTM8B56EN CTM8B55EP CTM8B57E CTM8B57EP CTM8B54E CT |
EPROM-Based 8-Bit CMOS Microcontroller EPROM-Based 8-Bit COMS Microcontroller
|
Ceramate Technical
|
DS87C530-QCL DS83C530-QCL DS87C530-QNL DS87C530-KC |
EPROM/ROM Microcontrollers with Real-Time Clock 存储 ROM微控制器的实时时 EPROM/ROM Microcontrollers with Real-Time Clock 8-BIT, UVPROM, 33 MHz, MICROCONTROLLER, CQCC52
|
Maxim Integrated Products, Inc.
|
ST90158-ST90135 ST90158M9T1 ST90R158T1 ST90E158P9L |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM 8/16-BIT MICROCONTROLLER (MCU) WITH 16 TO 64K ROM, OTP OR EPROM, 512 TO 2K RAM - ST9 FAMILY
|
ST Microelectronics SGS Thomson Microelectronics
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
ST6225CM6 ST6215CB3 ST6225CB3 ST6225CM1 ST62P15CB3 |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, EPROM, A/D CONVERTER, OSCILLATOR SAFEGARD, SAFE RESET AND 28 PINS 8-bit MCU with 8-bit A/D converter, two timers, oscillator safeguard & safe reset, 64 b RAM, 4Kb ROM, 8MHz, low voltage
|
ST Microelectronics SGS Thomson Microelectronics
|
PIC17C42A-16/PQ |
High-performance 8-Bit CMOS EPROM, ROM microcontroller
|
Microchip Technology
|
PIC16C55X13 |
EPROM-Based 8-Bit CMOS Microcontrollers
|
Microchip Technology
|
ST90E158 |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
|
ST Microelectronics
|
PIC16LV5XA02BI_SS PIC16LV58A PIC16LV5XA02BI_P PIC1 |
EPROM-Based 8-Bit CMOS Microcontroller Series
|
MICROCHIP[Microchip Technology]
|